Part Number Hot Search : 
27C64 ADF7242 BAS40XY 2SPA1 LM2901N 4ADR2 UG425 HD74H
Product Description
Full Text Search
 

To Download 1932768-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sim (subscriber identity module) and uim (universal identity module) cards are widely used in a variety of mobile applications, including, billing, security and number storage purposes in mobile devices. the sim card parameters are de? ned by iso, etsi and gsm standards. te's outstanding technological capability delivers a high comfort for the end customer and great durability and longevity of the sim connectors. in addition, te has the ability to fabricate very high volume products in a cost- ef? cient, lean manufacturing process. the huge array of products, combined with te's ability to redesign existing products to customer requirements, allow te to be a reliable source for sim and uim card connectors. features large portfolio covering ? several styles and card sizes connectors optimized for ? reliability (i.e. by spherical contact points increasing hertz stress, pre-loaded contacts and anti retention features in the contacts.) the sim connector series ? offers the best possible design freedom  many products are even scalable in height within the same form factor best possible applied cost by ? fully-automated processing bene? ts large, versatile portfolio offers ? the best product closest to the actual need highly reliable connector ? technology helps customers reduce production line defect rates C ultimately reducing costs for quality control and service unmatched design freedom ? creates optimal possibilities for the design engineer to match the device's requirements fully-automated processing ? leads to stable quality global footprint means ? enhanced support for all regions applications mobile phones ? tablets ? personal computers ? ultrabook ? data cards ? portable gsm modems ? servers ? quick reference guide sim card connector series te.com /products/simcardconnectors @$4joee @$4joee 1. 1.
te.com/products/simcardconnectors sim card connector series te connectivity card guidance and card stops provides ? xation of the sim card in x, y and z ? direction card is typically located inside the device shell. consumer must open the device ? shell to extract the card, and must insert and eject card manually full single clip, provides shielding, and prevents card bending. this ensures a ? stable connection with all card types components underneath the sim card are possible (optional) ? push-pull type basic sim connector without enhanced features in combination with an ef? cient ? manufacturing process leads to an extremely cost-effective component anti-lifting contact prevents the contact from being accidentally lifted. reduces ? the risk of damaged contacts five (5) directional mating allows for card insertion from ? ve directions: front, ? back, left, right and top. it thereby allows for maximum design freedom block type push to insert, push to eject mechanism provides enhanced card handling for the ? end user push-push type connectors are typically used under the battery cover or behind ? a door at the device exterior the card detection switch senses card removal ? the connector prevents for reversed card insertion, eliminating damage done by ? wrong card insertion push-push type tray type sim connectors are typically used on the exterior of a device. the tray ? forms a unity with the device covers tray can be fully separated from the body, allowing for easy card handling by the ? end user fully-shielded, preventing emi or other disturbances ? the connector prevents reversed card insertion, eliminating damage done by ? wrong card insertion the card detection switch senses card removal ? tray type variety of sim card connectors portfolio @$4joee @$4joee 1. 1.
te.com/products/simcardconnectors sim card connector series te connectivity pspll tye picture p/n height range length x width description features and bene ts status *-2042647-* *-2042920-* 1.8 C 2.0 15.5 x 10 scalable shielded sim features -shielded - holes for additional components under the connector - test holes for automatic inline testing bene ts - shield protects against radio interference - holes under the connector save space - test holes reduce applied costs mp sh/india *-1551663-* 1.8 C 2.0 15.5 x 10 narrow shield version mp sh/india 1981898-1 1.43 17.5 x 16.3 super low pro? le sim features -fully shielded -test holes - super low height contact -super low height bene ts - shield protects against radio interference - test holes reduce applied costs - can only be engaged from one side mp sh 1932669-2 2.05 26.3 x 14.7 side entry sim connector left side entry sim connector right features - visible detection of wrong card insertion - chamfered housing - user friendly shield design - test holes bene ts - prevents wrong card insertion -safe user handling - can remove card without tools -shield prevents emi -inline testing reduces costs mp sh 1551956-1 1.4 15.5 x 14.25 sim 1.4mm height features -provides card stop -shielded -preloaded contacts - holes under the connector -test holes bene ts - card stop prevents damage to the sim card - shield prevents emi, rf distortion and card bend - preloaded anti-lifting contacts protect card from abuse - mounting components under the connector saves space - automated testing reduces costs mp gd 1932766-1 1.5 17.6 x 16.1 sim 1.5mm height mp gd 1932768-1 1.95 16.3 x 14.8 super low pro? le sim with ? ange (big shield) features - one clip type (bridge type) -card stop and guide -shielded -preloaded contacts - holes under the connector -test holes bene ts - prevents card damage - shield prevents emi, rf distortion and card bend - preloaded anti-lifting contacts protect card from abuse - mounting components under the connector saves space - automated testing reduces costs mp sh connectors for mini sim (2ff) cards (dimensions : mm) @$4joee @$4joee 1. 1.
te.com/products/simcardconnectors sim card connector series te connectivity loc tye picture p/n heights length x width description features and bene ts status *-1705300-* 1.5 C 2.8 10 x 7.6 5-directional sim connector features -5 insert directions -preloaded contacts - ? ts both standards (2ff and 3ff) bene ts - smooth insertion for consumer -design ? exibility mp qd push C push type picture p/n height length x width description features and bene ts status 1981959-1 1.87 23.7 x 18.9 push push sim connector features -push push function -card detection switch -fully shielded - anti launch mechanism -test holes bene ts - prevents inaccurate switch readings caused by common rough edges on cards - shield prevents emi rf distortion and card bend - prevents wrong card insertion - prevents card going airborne when extracted - automated testing reduces costs mp sh 2174918-1 1.40 26 x 17 push push sim, super low pro? le features - push push function allows sim card ejection by connector itself -lower pro? le -dual slanted contacts -card detection switch bene ts -easy to handle sim card -low pro? le saves pcb space - dual slanted contacts provide strong mating force and avoid contact jam -card detection switch secures circuit design mp gd tray type picture p/n height length x width description features and bene ts status 2134033-1 1.4 25.85 x 16.7 double contact metal tray - tray can be fully separated from the body, allowing for easy card handling by the end user mp jp 2134034-1 double contact body assy mp jp (dimensions : mm) @$4joee @$4joee 1. 1.
te.com/products/simcardconnectors sim card connector series te connectivity psps tye picture p/n height range length x width description features and bene ts status 2174803-2 1.27 15.98 x 15.1 ultra low pro? le push-push -push-push function allows sim card ejection by connector itself to help the end customer handle sim card easily -avoid card insertion with wrong direction, avoid card jamming issue -low pro? le saves space -dual slanted contacts provide strong mating force and avoid contact jam -card detection switch secures circuit design mp sh combo type connector for micro sim + microsd tm picture p/n height range length x width description features and bene ts status 2199003-2 2.5 17.75 x 14.0 micro sim + micro sd combo -dual card reader micro sim/micro sd type, space saving design -transverse card orientation -push pull type -micro sd card retention feature -micro sd detect switch -pick and place design on shell mp gd connectors for micro sim (3ff*) cards mini sim/2ff 25l x 15w (375mm 2 ) size comparison : mini sim (2ff) vs micro sim (3ff) micro sim/3ff 15l x 12w (180mm 2 ) (dimensions : mm) push-pull type picture p/n height range length x width description features and bene ts status 2108431-3 (8 position) 1.24 14.1 x 13.3 ultra low pro? le push-pull features and bene ts -low pro? le saves space -card detect switch uniquely integrated on connector contacts to better secure circuit connection while not taking extra pcb space -avoid card insertion with wrong direction -6position is optional -card stop con? rms full insertion to the user -inspection holes allow customers to inspect solder connection mp sh *ff : form factor pad layout is identical @$4joee @$4joee 1. 1.
for more information te technical support center usa: +1 (800) 522-6752 canada: +1 (905) 475-6222 mexico +52 (0) 55-1106-0800 latin/s. america: +54 (0) 11-4733-2200 germany: +49 (0) 6251-133-1999 uk: +44 (0) 800-267666 france: +33 (0) 1-3420-8686 netherlands: +31 (0) 73-6246-999 china: +86 (0) 400-820-6015 part numbers in this brochure are rohs compliant*, unless marked otherwise. *as de? ned www.te.com/leadfree frequently asked questions question 1 how do i decide which type of sim connector to choose? answer 1 the major difference in choosing between sim connectors depends on the design of the customer device. push-push or tray type sim connectors allow users to extract the sim card from the external portion of the device. push-pull or block type connectors require users to open the back shell of the device and manually pull out the sim card. question 2 what is the purpose of an 8-position sim connector? answer 2 the extra two positions support an additional function like e-pay. question 3 what is the bene? t of dual-slanted contact performance? answer 3 the dual-slanted design prevents contact jam issues and creates a stronger mating performance, as demonstrated during the drop test. question 4 when should i use a micro sim connector? answer 4 when the device requires the use of a micro sim card. question 5 what's the scalable height? answer 5 the scalable height is found when the sim card connector is scalable by a different p/n, but the connector footprint stays the same. the bene? t is enabling the customer to swap the product easily when a design change occurs, thereby reducing the lead- time of ttm (time to market), ttv (time to value) and design cost. te.com ? 2012 tyco electronics corporation, a te connectivity ltd. company. all rights reserved. 2-1773464-0 cd pdf 01/2013 te connectivity, te connectivity (logo) and te (logo) are trademarks. other logos, product and/or company names might be trademarks of their respective owners. while te has made every reasonable effort to ensure the accuracy of the information in this brochure, te does not guarantee that it is error-free, nor does te make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current. te reserves the right to make any adjustments to the information contained herein at any time without notice. te expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or tness for a particular purpose. the dimensions in this catalog are for reference purposes only and are subject to change without notice. speci cations are subject to change without notice. consult te for the latest dimensions and design speci cations. @$4joee @$4joee 1. 1.


▲Up To Search▲   

 
Price & Availability of 1932768-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X